Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD05MMP1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RD05MMP1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD05MMP1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD05MMP1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD05MMP1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD05MMP1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD05MMP1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD05MMP1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD05MMP1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD05MMP1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI RF POWER MOS FET
RD05MMP1
RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1
MITSUBISHI ELECTRIC
1st Jun. 2006
3/7
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
Pin-Po CHARACTERISTICS @f=941MHz
0
10
20
30
40
5
1015
2025
3035
Pin(dBm)
0
20
40
60
80
Ta=+25°C
f=941MHz
Vdd=7.2V
Idq=1.0A
Po
ηd
Idd
Gp
Pin-Po CHARACTERISTICS @f=941MHz
0
5
10
15
20
0.0
0.5
1.0
1.5
Pin(W)
0
10
20
30
40
50
60
70
80
Po
ηd
Idd
Ta=25°C
f=941MHz
Vdd=7.2V
Idq=1.0A
Vdd-Po CHARACTERISTICS @f=941MHz
0
2
4
6
8
10
46
8
10
12
Vdd(V)
0
1
2
3
4
5
Po
Idd
Ta=25°C
f=941MHz
Pin=0.7W
Idq=1.0A
Zg=ZI=50 ohm
Vgs-Ids CHARACTORISTICS 2
0
2
4
6
8
0
1
23
45
Vgs(V)
Vds=10V
Tc=-25~+75°C
+25°C
+75°C
-25°C


Similar Part No. - RD05MMP1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
147Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1_10 Datasheet
147Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
More results

Similar Description - RD05MMP1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1_10 Datasheet
147Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com