Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA45H8994M1 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA45H8994M1
Description  RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H8994M1 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA45H8994M1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA45H8994M1
RA45H8994M1
MITSUBISHI ELECTRIC
20
th Dec 2006
8/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following three methods are recommended to control the output power:
a) Non-linear FM modulation at high power operating:
By the gate voltages (VGG1 and VGG2).
When the gate voltages are close to zero, the nominal output signal (Pout=45W) is attenuated up to 60 dB and
only a small leakage current flows from the battery into the drain.
(On the following, V GG1 has to be kept in 3.4V.)
Around VGG2=0V(minimum), the output power and drain current increases substantially.
Around VGG2=4V (typical) to VGG2=5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
(On the following, V GG1 has to be kept in 3.4V.)
VGG2 is used to set the drain’s quiescent current for the required linearity.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and
drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50Ω?
c) Is the source impedance ZG=50Ω?
Frequent on/off switching:
In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips
and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally
induced mechanical stress.
Quality:
Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions
exceeding those of mobile radios.
This module technology results from more than 20 years of experience, field proven in tens of millions of mobile
radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout,
which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures
are found.
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there
is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property
damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as
(i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or
mishap.
Keep safety first in your circuit designs!


Similar Part No. - RA45H8994M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
183Kb / 9P
   RF MOSFET MODULE 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
181Kb / 9P
   896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1-101 MITSUBISHI-RA45H8994M1-101 Datasheet
183Kb / 9P
   RF MOSFET MODULE 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1-101 MITSUBISHI-RA45H8994M1-101 Datasheet
181Kb / 9P
   896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H8994M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H8994M1 MITSUBISHI-RA45H8994M1_11 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_10 Datasheet
181Kb / 9P
   896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_08 Datasheet
183Kb / 9P
   RF MOSFET MODULE 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_11 Datasheet
255Kb / 10P
   RoHS Compliance, 763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1 Datasheet
168Kb / 9P
   RoHS Compliance, 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_10 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_10 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com