Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA45H8994M1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. RA45H8994M1
Description  RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H8994M1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA45H8994M1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA45H8994M1
RA45H8994M1
MITSUBISHI ELECTRIC
20
th Dec 2006
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
O U T P UT P O W E R a n d D R A IN CURR E N T
O UT P U T P O W E R a n d DRA IN CUR RE N T
ver s u s D R A IN V O L T A G E
ver s u s D R A IN V O L T A G E
O U T P UT P O W E R a n d D R A IN CURR E N T
O UT P U T P O W E R a n d DRA IN CUR RE N T
ver s u s G A T E V O L T A G E 2
ver s u s G A T E V O L T A G E 2
0
10
20
30
40
50
60
01
23
45
G A T E VOL T AGE V GG 2 (V )
0
2
4
6
8
10
12
f = 896M H z
V
DD = 12. 8V
V
GG 1 =3 . 4 V
P
in = 50m W
IDD
0
10
20
30
40
50
60
012
3
45
GA T E VO L T AG E V GG 2 (V )
0
2
4
6
8
10
12
P
ou t (W )
f = 915M H z
V
DD = 12. 8V
V
GG 1 =3 . 4 V
P
in = 50m W
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
D R A IN VOL T AGE V DD (V )
0
2
4
6
8
10
12
14
16
18
P
ou t
f = 925M H z
V
GG 1 =3 . 4 V
V
GG 2 =5 V
P
in = 50m W
IDD
0
10
20
30
40
50
60
70
80
90
24
68
1 0
1 2
1 4
1 6
D R A IN VOL T AGE V DD (V )
0
2
4
6
8
10
12
14
16
18
P
ou t
f = 941M H z
V
GG1 =3 . 4 V
V
GG2 =5 V
P
in = 50m W
IDD
P
ou t (d Bm )
P
out (d B m )
P
out (W )
O U T P UT P O W E R a n d D R A I N CURR E N T
O UT P U T P O W E R a n d DRA I N CUR RE N T
ver s u s G A T E V O L T A G E 2
ver s u s G A T E V O L T A G E 2
O U T P UT P O W E R a n d D R A I N CURR E N T
O UT P U T P O W E R a n d DRA I N CUR RE N T
ver s u s G A T E V O L T A G E 2
ver s u s G A T E V O L T A G E 2
O U T P UT P O W E R a n d D R A I N CURR E N T
O UT P U T P O W E R a n d DRA I N CUR RE N T
ver s u s G A T E V O L T A G E 2
ver s u s G A T E V O L T A G E 2
0
10
20
30
40
50
60
01
23
45
G A T E VOL T AGE V GG 2 (V )
0
2
4
6
8
10
12
f = 925M H z
V
DD = 12. 8V
V
GG1 =3 . 4 V
P
in = 50m W
IDD
0
10
20
30
40
50
60
0
1
23
45
GA T E VO L T AG E V GG 2 (V )
0
2
4
6
8
10
12
f = 941M H z
V
DD = 12. 8 V
V
GG 1 =3 . 4 V
P
in = 50m W
IDD
0
10
20
30
40
50
60
01
23
45
G A T E VOL T AGE V GG 2 (V )
0
2
4
6
8
10
12
f = 896M H z
V
DD = 12. 8V
V
GG1 =3 . 4 V
P
in =4 d B m
IDD
0
10
20
30
40
50
60
012
3
4
5
GA T E VO L T AG E V GG 2 (V )
0
2
4
6
8
10
12
f = 915M H z
V
DD = 12. 8V
V
GG 1 =3 . 4 V
P
in =4 d B m
IDD
0
10
20
30
40
50
60
01
23
45
GAT E VO L T AG E V GG 2 (V )
0
2
4
6
8
10
12
f = 925M H z
V
DD = 12. 8V
V
GG1 =3 . 4 V
P
in =4 d B m
IDD
0
10
20
30
40
50
60
012
3
4
5
GA T E VO L T AG E V GG 2 (V )
0
2
4
6
8
10
12
f = 941M H z
V
DD = 12. 8V
V
GG 1 =3 . 4 V
P
in =4 d B m
IDD
P
ou t (d B m )
P
out (W )
P
ou t (W )
P
ou t (d B m )
P
ou t (W )
P
ou t (W )
P
ou t (d B m )
P
ou t (d B m )
P
out (W )
P
ou t (d B m )
P
ou t (W )
P
ou t (d B m )


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn