Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA45H8994M1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. RA45H8994M1
Description  RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H8994M1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA45H8994M1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H8994M1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA45H8994M1
RA45H8994M1
MITSUBISHI ELECTRIC
20
th Dec 2006
2/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG1=3.4V ± 7%, VGG2<5V, Pin=0W
17
V
VGG1
Gate Voltage 1
VGG2<5V, VDD<12.8V, Pin=50mW
4.5
V
VGG2
Gate Voltage 2
VGG1=3.4V ± 7%, VDD<12.8V, Pin=50mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
60
W
Tcase(OP) Operation Case Temperature Range
f=896-941MHz,
VGG1=3.4V ± 7%, VGG2<5V
-30 to +100
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
F
Frequency Range
896
941
MHz
Pout 1
Output Power 1
VDD=12.8V, VGG1=3.4V, VGG2=5V, Pin=50mW
45
W
ηT
Total Efficiency
VDD=12.8V
33
%
2fo
2
nd Harmonic
VGG1=3.4V
-40
dBc
3fo
3
nd Harmonic
VGG2=5V
-40
dBc
ρin
Input VSWR
Pin=50mW
3:1
IDD
Leakage Current
VDD=17V, VGG1=VGG2=0V, Pin=0W
1
mA
Pout 2
Output Power 2*
VDD=15.2V, VGG1=3.4V, VGG2=1V, Pin=4dBm
2
W
Stability
VDD=10.0-15.2V, Pin=1-100mW,
1.5<Pout <50W (VGG2 control, VGG1=3.4V),
Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW,
Pout=45W (VGG2 control, VGG1=3.4V),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.
*: This is guaranteed as design value.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn