Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHW9N60E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHW9N60E
Description  PowerMOS transistors Avalanche energy rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHW9N60E Datasheet(HTML) 2 Page - NXP Semiconductors

  PHW9N60E Datasheet HTML 1Page - NXP Semiconductors PHW9N60E Datasheet HTML 2Page - NXP Semiconductors PHW9N60E Datasheet HTML 3Page - NXP Semiconductors PHW9N60E Datasheet HTML 4Page - NXP Semiconductors PHW9N60E Datasheet HTML 5Page - NXP Semiconductors PHW9N60E Datasheet HTML 6Page - NXP Semiconductors PHW9N60E Datasheet HTML 7Page - NXP Semiconductors PHW9N60E Datasheet HTML 8Page - NXP Semiconductors PHW9N60E Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHB9N60E, PHW9N60E
Avalanche energy rated
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 9 A;
-
700
mJ
energy
t
p = 0.2 ms; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V
E
AR
Repetitive avalanche energy
2
I
AR = 9 A; tp = 2.5 µs; Tj prior to
-
18
mJ
avalanche = 25˚C; R
GS = 50 Ω; VGS = 10 V
I
AS, IAR
Repetitive and non-repetitive
-
9
A
avalanche current
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
-
-
0.8
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT429 package, in free air
-
45
-
K/W
to ambient
SOT404 package, pcb mounted, minimum
-
50
-
K/W
footprint
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
600
-
-
V
voltage
∆V
(BR)DSS / Drain-source breakdown
V
DS = VGS; ID = 0.25 mA
-
0.1
-
%/K
∆T
j
voltage temperature
coefficient
R
DS(ON)
Drain-source on resistance
V
GS = 10 V; ID = 5 A
-
0.68
0.8
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
g
fs
Forward transconductance
V
DS = 30 V; ID = 5 A
4
6.5
-
S
I
DSS
Drain-source leakage current V
DS = 600 V; VGS = 0 V
-
2
100
µA
V
DS = 480 V; VGS = 0 V; Tj = 125 ˚C
-
80
1000
µA
I
GSS
Gate-source leakage current V
GS = ±30 V; VDS = 0 V
-
10
200
nA
Q
g(tot)
Total gate charge
I
D = 10 A; VDD = 480 V; VGS = 10 V
-
75
100
nC
Q
gs
Gate-source charge
-
6.8
12
nC
Q
gd
Gate-drain (Miller) charge
-
37
55
nC
t
d(on)
Turn-on delay time
V
DD = 300 V; RD = 30 Ω;
-
11
-
ns
t
r
Turn-on rise time
R
G = 5.6 Ω
-32
-
ns
t
d(off)
Turn-off delay time
-
98
-
ns
t
f
Turn-off fall time
-
37
-
ns
L
d
Internal drain inductance
Measured from tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT429 package only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1295
-
pF
C
oss
Output capacitance
-
163
-
pF
C
rss
Feedback capacitance
-
86
-
pF
2 pulse width and repetition rate limited by T
j max.
December 1998
2
Rev 1.000


Similar Part No. - PHW9N60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHW9N60E PHILIPS-PHW9N60E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
More results

Similar Description - PHW9N60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com