Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC05474JS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TTC05474JS
Description  Temperature Compensation/Sensing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC05474JS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TTC05474JS Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC05474JS Datasheet HTML 2Page - List of Unclassifed Manufacturers TTC05474JS Datasheet HTML 3Page - List of Unclassifed Manufacturers TTC05474JS Datasheet HTML 4Page - List of Unclassifed Manufacturers TTC05474JS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
29
THINKING ELECTRONIC
Item
Test Conditions/Methods
Gradually applying the force specified below to each terminal and keeping the unit fixed
for 10 1 sec .
Tensile
Strength of
Terminations
Bending
Strength of
Terminations
Damp Heat
Specifications
No visible damage
No visible damage
Terminal diameter
(mm)
0.3<d
0.5
0.5<d
0.8
Force
(Kg)
0.5
1.0
Terminal diameter
(mm)
0.3<d
0.5
0.5<d
0.8
0.25
0.5
Force
(Kg)
Hanging the force specified below to each terminal and gradually bending each terminal by 90
in one direction, then 90 in the opposite direction, and again back to the origin.
The thermal shock conditions shown below shall be repeated 5 cycles
1
2
3
4
Step
Temperature (
)
-30 5
Room temperature
125 5
Room temperature
Period (minutes)
30
30
3
3
5 3
5 3
Solderability
Resistance to
Soldering
Heat
At least 95% of terminal
electrode is covered by
new solder
Life Test
No visible damage
R/R
5 %
No visible damage
R/R
3%
No visible damage
R/R
3 %
No visible damage
R/R
3 %
25 5
, Pmax X 1000 HRS
235 5
, 2 0.5 sec
26 0 5
, 10 1 sec
40
2
, 9 0 ~ 95 % RH ,1000 24 HRS
Thermal
Shock
Reliability test
Current(mA)
TTC05102~TTC05104
10000
5000
2000
1000
200
500
100
50
20
10
5
2
1
0.5
0.2
0.1
1000
500
200
100
50
20
10
5
2
1
P RO D U C T DATA


Similar Part No. - TTC05474JS

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC05471J THINKING-TTC05471J Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
TTC05471K THINKING-TTC05471K Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
TTC05471L THINKING-TTC05471L Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
TTC05472J THINKING-TTC05472J Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
TTC05472K THINKING-TTC05472K Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
More results

Similar Description - TTC05474JS

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com