Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW76 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPW76
Description  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW76 Datasheet(HTML) 3 Page - Vishay Siliconix

  BPW76_05 Datasheet HTML 1Page - Vishay Siliconix BPW76_05 Datasheet HTML 2Page - Vishay Siliconix BPW76_05 Datasheet HTML 3Page - Vishay Siliconix BPW76_05 Datasheet HTML 4Page - Vishay Siliconix BPW76_05 Datasheet HTML 5Page - Vishay Siliconix BPW76_05 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BPW76
Document Number 81526
Rev. 1.3, 08-Mar-05
Vishay Semiconductors
www.vishay.com
3
Figure 3. Relative Collector Current vs. Ambient Temperature
Figure 4. Collector Light Current vs. Irradiance
Figure 5. Collector Light Current vs. Collector Emitter Voltage
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
1020 3040 5060 7080 90 100
Tamb - Ambient Temperature ( °C)
948344
V
=5V
λ = 950 nm
CE
E e = 1 mW/cm 2
0.01
0.1
1
0.001
0.01
0.1
1
10
Ee – Irradiance ( mW/cm2 )
10
94 8345
VCE =5V
λ = 950 nm
0.1
1
10
0.01
0.1
1
VCE – Collector Emitter Voltage ( V )
100
94 8346
Ee=1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05mW/cm2
BPW76A
λ = 950 nm
Figure 6. Collector Emitter Capacitance vs. Collector Emitter
Voltage
Figure 7. Turn On/Turn Off Time vs. Collector Current
Figure 8. Relative Spectral Sensitivity vs. Wavelength
0.1
1
10
0
4
8
12
16
20
VCE – Collector Emitter Voltage ( V )
100
94 8247
f=1MHz
04
8
12
16
94 8253
0
2
4
6
8
12
IC – Collector Current ( mA )
10
VCE=5V
RL=100
=950nm
toff
ton
λ
400
600
1000
0
0.2
0.4
0.6
0.8
1.0
λ – Wavelength ( nm )
94 8348
800


Similar Part No. - BPW76_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW76A VISHAY-BPW76A Datasheet
82Kb / 6P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
BPW76A VISHAY-BPW76A Datasheet
149Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.4, 08-Sep-08
BPW76A VISHAY-BPW76A Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW76A VISHAY-BPW76A Datasheet
142Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
BPW76A VISHAY-BPW76A_08 Datasheet
149Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.4, 08-Sep-08
More results

Similar Description - BPW76_05

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com