Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2274AMDR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2274AMDR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMDR Datasheet(HTML) 2 Page - Texas Instruments

  TLC2274AMDR Datasheet HTML 1Page - Texas Instruments TLC2274AMDR Datasheet HTML 2Page - Texas Instruments TLC2274AMDR Datasheet HTML 3Page - Texas Instruments TLC2274AMDR Datasheet HTML 4Page - Texas Instruments TLC2274AMDR Datasheet HTML 5Page - Texas Instruments TLC2274AMDR Datasheet HTML 6Page - Texas Instruments TLC2274AMDR Datasheet HTML 7Page - Texas Instruments TLC2274AMDR Datasheet HTML 8Page - Texas Instruments TLC2274AMDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2272 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
At 25
°C
SMALL
OUTLINE†
(D)
CERAMIC
LCC
(FK)
CERAMIC
DIP
(JG)
PLASTIC DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
950
µV
TLC2272ACD
TLC2272ACP
TLC2272ACPW
0
°C to 70°C
950
µV
2.5 mV
TLC2272ACD
TLC2272CD
TLC2272ACP
TLC2272CP
TLC2272CPW
950
µV
TLC2272AID
TLC2272AIP
−40
°C to 125°C
950
µV
2.5 mV
TLC2272AID
TLC2272ID
TLC2272AIP
TLC2272IP
TLC2272IPW
−40
°C to 125°C
950
µV
TLC2272AQD
TLC2272AQPW
950
µV
2.5 mV
TLC2272AQD
TLC2272QD
TLC2272AQPW
TLC2272QPW
−55
°C to 125°C
950
µV
TLC2272AMD
TLC2272AMFK
TLC2272AMJG
TLC2272AMP
TLC2272AMU
−55
°C to 125°C
950
µV
2.5 mV
TLC2272AMD
TLC2272MD
TLC2272AMFK
TLC2272MFK
TLC2272AMJG
TLC2272MJG
TLC2272AMP
TLC2272MP
TLC2272AMU
TLC2272MU
† The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2272CDR).
‡ The PW package is available taped and reeled. Add R suffix to the device type (e.g., TLC2272PWR).
§ Chips are tested at 25°C.
TLC2274 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CERAMIC
LCC
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP‡
(PW)
CERAMIC
FLAT PACK
(W)
0
°C to 70°C
950
µV
TLC2274ACD
TLC2274ACN
TLC2274ACPW
0
°C to 70°C
950
µV
2.5 mV
TLC2274ACD
TLC2274CD
TLC2274ACN
TLC2274CN
TLC2274ACPW
TLC2274CPW
950
µV
TLC2274AID
TLC2274AIN
TLC2274AIPW
−40
°C to 125°C
950
µV
2.5 mV
TLC2274AID
TLC2274ID
TLC2274AIN
TLC2274IN
TLC2274AIPW
TLC2274IPW
−40
°C to 125°C
950
µV
TLC2274AQD
950
µV
2.5 mV
TLC2274AQD
TLC2274QD
−55
°C to 125°C
950
µV
TLC2274AMD
TLC2274AMFK
TLC2274AMJ
TLC2274AMN
TLC2274AMW
−55
°C to 125°C
950
µV
2.5 mV
TLC2274AMD
TLC2274MD
TLC2274AMFK
TLC2274MFK
TLC2274AMJ
TLC2274MJ
TLC2274AMN
TLC2274MN
TLC2274AMW
TLC2274MW
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2274CDR).
‡ The PW package is available taped and reeled.
§ Chips are tested at 25°C.


Similar Part No. - TLC2274AMDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AMDR TI-TLC2274AMDR Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMDR TI1-TLC2274AMDR Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AMDREP TI-TLC2274AMDREP Datasheet
678Kb / 34P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPWEATIONAL AMPLIFIERS
TLC2274AMDREP TI1-TLC2274AMDREP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMDREP TI1-TLC2274AMDREP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2274AMDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com