Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD55015S-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD55015S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015S-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD55015S-E Datasheet HTML 7Page - STMicroelectronics PD55015S-E Datasheet HTML 8Page - STMicroelectronics PD55015S-E Datasheet HTML 9Page - STMicroelectronics PD55015S-E Datasheet HTML 10Page - STMicroelectronics PD55015S-E Datasheet HTML 11Page - STMicroelectronics PD55015S-E Datasheet HTML 12Page - STMicroelectronics PD55015S-E Datasheet HTML 13Page - STMicroelectronics PD55015S-E Datasheet HTML 14Page - STMicroelectronics PD55015S-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PD55015-E, PD55015S-E
Typical performance
11/27
Figure 24.
Drain efficiency vs. output power
Figure 25.
Input Return Loss vs Output Power
0
5
10
15
20
Pout (W)
10
20
30
40
50
60
70
Nd (%)
Vdd = 12.5V
Idq = 150mA
876 MHz
900 MHz
915 MHz
0
5
10
15
20
Pout (W)
-30
-20
-10
0
Rl (dB)
Vdd = 12.5V
Idq = 150mA
900 MHz
915 MHz
876 MHz


Similar Part No. - PD55015S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55015S STMICROELECTRONICS-PD55015S Datasheet
120Kb / 10P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55015STR-E STMICROELECTRONICS-PD55015STR-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD55015STR-E STMICROELECTRONICS-PD55015STR-E Datasheet
540Kb / 23P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results

Similar Description - PD55015S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com