Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA20H8087M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. RA20H8087M
Description  RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA20H8087M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA20H8087M
RA20H8087M
MITSUBISHI ELECTRIC
13 Jan 2006
3/10
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
750
770
790
810
830
850
870
FREQUENCY f(MHz)
0
10
20
30
40
50
60
VDD=12.5V
Pin=50mW
Pout @VGG=5V
η
T @Pout=20W
ρ
in @Pout=20W
0
10
20
30
40
50
60
-15 -10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=764MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=806MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
750
770
790
810
830
850
870
FREQUENCY f(MHz)
VDD=12.5V
Pin=50mW
2
nd @P
out=20W
3
rd
@Pout=20W
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=825MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=851MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=870MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn