Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA20H8087M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. RA20H8087M
Description  RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA20H8087M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA20H8087M
RA20H8087M
MITSUBISHI ELECTRIC
13 Jan 2006
2/10
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
f=806-870MHz,
ZG=ZL=50Ω
40
W
Tcase(OP)
Operation Case Temperature Range
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
806-870
MHz
Pout
Output Power
VDD=12.5V, VGG=5V, Pin=50mW
20
W
η
T
Total Efficiency
25
%
2fo
2
nd Harmonic
-30
dBc
ρ
in
Input VSWR
3:1
IGG
Gate Current
Pout=20W(VGG control)
VDD=12.5V
Pin=50mW
1
mA
Stability
VDD=10.0-15.5V, Pin=25-70mW,
Pout=1 to 25W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Pout=20W (VGG control),
Load VSWR=8:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn