Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA18H1213G Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. RA18H1213G
Description  RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA18H1213G Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA18H1213G
RA18H1213G
MITSUBISHI ELECTRIC
24 Jan 2006
4/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
3rd,5th.INTERMODULATION DISTORTIN
versus GATE VOLTAGE
versus
OUTPUT POWER CHARACTERISTICS
3rd,5th.INTERMODULATION DISTORTIN
3rd,5th.INTERMODULATION DISTORTIN
versus
OUTPUT POWER CHARACTERISTICS
versus
OUTPUT POWER CHARACTERISTICS
0
10
20
30
40
50
60
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=1240MHz,
VDD=12.5V,
Pin=200mW
IDD
0
10
20
30
40
50
60
33.5
44.5
55.5
6
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=1270MHz,
VDD=12.5V,
Pin=200mW
IDD
0
10
20
30
40
50
60
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=1300MHz,
VDD=12.5V,
Pin=200mW
IDD
-60
-50
-40
-30
-20
26
28
30
32
34
36
38
40
42
44
OUTPUT POWER(dBm P.E.P.)
f=1240MHz
VDD=12.5V
VGG=5V
IMD3
IMD5
-60
-50
-40
-30
-20
26
28
30
32
34
36
38
40
42
44
OUTPUT POWER(dBm P.E.P.)
f=1270MHz
VDD=12.5V
VGG=5V
IMD3
IMD5
-60
-50
-40
-30
-20
26
28
30
32
34
36
38
40
42
44
OUTPUT POWER(dBm P.E.P.)
f=1300MHz
VDD=12.5V
VGG=5V
IMD3
IMD5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn