Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA13H4047M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. RA13H4047M
Description  RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4047M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA13H4047M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4047M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA13H4047M
RA13H4047M
MITSUBISHI ELECTRIC
24 Jan 2006
2/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
f=400-470MHz,
ZG=ZL=50Ω
20
W
Tcase(OP)
Operation Case Temperature Range
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
400
470
MHz
Pout
Output Power
13
W
η
T
Total Efficiency
40
%
2fo
2
nd Harmonic
-30
dBc
ρ
in
Input VSWR
3:1
IGG
Gate Current
VDD=12.5V
VGG=5V
Pin=50mW
1
mA
Stability
VDD=10.0-15.2V, Pin=25-70mW,
Pout<20W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Pout=13W (VGG control),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn