Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA13H3340M Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. RA13H3340M
Description  RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H3340M Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA13H3340M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H3340M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA13H3340M
RA13H3340M
MITSUBISHI ELECTRIC
24 Jan 2006
5/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
12.0 ±1
16.5 ±1
43.5 ±1
55.5 ±1
66.0 ±0.5
60.0 ±0.5
51.5 ±0.5
3.0 ±0.3
7.25 ±0.8
2-R2 ±0.5
Ø0.45 ±0.15
5
1
2
3
4
(50.4)
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
OUTLINE DRAWING (mm)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn