Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA08H1317M-101 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA08H1317M-101
Description  RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA08H1317M-101 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA08H1317M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA08H1317M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA08H1317M
RA08H1317M
MITSUBISHI ELECTRIC
24 Jan 2006
8/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following two methods are recommended to control the output power:
a) Non-linear FM modulation:
By the gate voltage (VGG).
When the gate voltage is close to zero, the RF input signal is attenuated up to 60 dB and only a small leakage
current flows from the battery into the drain.
Around VGG=2.5V, the output power and drain current increases substantially.
Around VGG=3V (typical) to VGG=3.5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The gate voltage is used to set the drain’s quiescent current for the required linearity.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and
drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50Ω?
c) Is the source impedance ZG=50Ω?
Frequent on/off switching:
In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips
and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally
induced mechanical stress.
Quality:
Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions
exceeding those of mobile radios.
This module technology results from more than 20 years of experience, field proven in tens of millions of mobile
radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout,
which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures
are found.
Keep safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there
is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property
damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as
(i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or
mishap.


Similar Part No. - RA08H1317M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA08H1317M-101 MITSUBISHI-RA08H1317M-101 Datasheet
151Kb / 9P
   135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
More results

Similar Description - RA08H1317M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA08H1317M MITSUBISHI-RA08H1317M_10 Datasheet
151Kb / 9P
   135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_11 Datasheet
185Kb / 9P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_11 Datasheet
233Kb / 10P
   RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_10 Datasheet
149Kb / 9P
   135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA08H1317M MITSUBISHI-RA08H1317M Datasheet
53Kb / 9P
   135-175MHz 8W 12.5V PORTABLE/MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com