Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA07H4452M Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. RA07H4452M
Description  RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA07H4452M Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA07H4452M
RA07H4452M
MITSUBISHI ELECTRIC
24 Jan 2006
6/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Spectrum
Analyzer
Power
Meter
Attenuator
Directional
Coupler
C1, C2: 4700pF, 22uF in parallel
Signal
Generator
Attenuator
Pre-
amplifier
Attenuator
Power
Meter
Directional
Coupler
4
3
2
1
ZG=50Ω
ZL=50Ω
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
5
DUT
TEST BLOCK DIAGRAM
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
EQUIVALENT CIRCUIT
2
3
1
5
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn