Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA07H4047M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. RA07H4047M
Description  RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA07H4047M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA07H4047M
RA07H4047M
MITSUBISHI ELECTRIC
24 Jan 2006
4/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
0
2
4
6
8
10
12
14
16
2
2.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
f=400MHz,
VDD=12.5V,
Pin=20mW
IDD
0
3
6
9
12
15
18
24
68
10
12
DRAIN VOLTAGE VDD(V)
0
2
4
6
Pout
IDD
f=450MHz,
VGG=3.5V,
Pin=20mW
0
2
4
6
8
10
12
14
16
22.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
IDD
f=430MHz,
VDD=12.5V,
Pin=20mW
0
2
4
6
8
10
12
14
16
2
2.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
IDD
f=450MHz,
VDD=12.5V,
Pin=20mW
0
3
6
9
12
15
18
2
4
6
8
10
12
DRAIN VOLTAGE VDD(V)
0
2
4
6
Pout
IDD
f=470MHz,
VGG=3.5V,
Pin=20mW
0
2
4
6
8
10
12
14
16
22.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
IDD
f=470MHz,
VDD=12.5V,
Pin=20mW


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn