Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA07H4047M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. RA07H4047M
Description  RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H4047M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA07H4047M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H4047M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA07H4047M
RA07H4047M
MITSUBISHI ELECTRIC
24 Jan 2006
3/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
2
4
6
8
10
12
14
39
0
40
0
41
0
42
0
43
0
44
0
45
0
46
0
47
0
48
0
FREQUENCY f(MHz)
0
20
40
60
80
100
120
140
VDD=12.5V
Pin=20mW
Pout @VGG=3.5V
η
T @Pout=7W
ρ
in @Pout=7W
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=400MHz,
VDD=12.5V,
VGG=3.5V
Pout
IDD
Gp
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=430MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
390 400 410 420 430 440 450 460 470 480
FREQUENCY f(MHz)
VDD=12.5V
Pin=20mW
2
nd @P
out=7W
3
rd
@Pout=7W
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
3
6
9
12
15
18
24
68
10
12
DRAIN VOLTAGE VDD(V)
0
2
4
6
Pout
f=400MHz,
VGG=3.5V,
Pin=20mW
IDD
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=450MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD
0
3
6
9
12
15
18
2
4
6
8
10
12
DRAIN VOLTAGE VDD(V)
0
2
4
6
Pout
IDD
f=430MHz,
VGG=3.5V,
Pin=20mW
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=470MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn