Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07H3340M Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA07H3340M
Description  RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H3340M Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA07H3340M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H3340M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA07H3340M
RA07H3340M
MITSUBISHI ELECTRIC
24 Jan 2006
6/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Spectrum
Analyzer
Power
Meter
Attenuator
Directional
Coupler
C1, C2: 4700pF, 22uF in parallel
Signal
Generator
Attenuator
Pre-
amplifier
Attenuator
Power
Meter
Directional
Coupler
4
3
2
1
ZG=50Ω
ZL=50Ω
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
5
DUT
TEST BLOCK DIAGRAM
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
EQUIVALENT CIRCUIT
2
3
1
5
4


Similar Part No. - RA07H3340M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H3340M-01 MITSUBISHI-RA07H3340M-01 Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
More results

Similar Description - RA07H3340M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA07M3340M MITSUBISHI-RA07M3340M_10 Datasheet
113Kb / 9P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M3340M MITSUBISHI-RA07M3340M_06 Datasheet
222Kb / 8P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M MITSUBISHI-RA07H0608M_06 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_10 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com