Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA07H3340M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. RA07H3340M
Description  RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA07H3340M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA07H3340M
RA07H3340M
MITSUBISHI ELECTRIC
24 Jan 2006
3/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
2
4
6
8
10
12
14
320 330 340 350 360 370 380 390 400 410
FREQUENCY f(MHz)
0
20
40
60
80
100
120
140
VDD=12.5V
Pin=20mW
Pout @VGG=3.5V
η
T @Pout=7W
ρ
in @Pout=7W
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=330MHz,
VDD=12.5V,
VGG=3.5V
Pout
IDD
Gp
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=360MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
320 330 340 350 360 370 380 390 400 410
FREQUENCY f(MHz)
VDD=12.5V
Pin=20mW
2
nd @P
out=7W
3
rd
@Pout=7W
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
5
10
15
20
24
68
10
12
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
Pout
f=330MHz,
VGG=3.5V,
Pin=20mW
IDD
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=400MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD
0
5
10
15
20
2
4
6
8
10
12
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
Pout
f=360MHz,
VGG=3.5V,
Pin=20mW
IDD


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn