Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RA07H3340M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. RA07H3340M
Description  RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

RA07H3340M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA07H3340M
RA07H3340M
MITSUBISHI ELECTRIC
24 Jan 2006
2/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG=0V, Pin=0W
16
V
VDD
Drain Voltage
VGG<3.5V
13.2
V
VGG
Gate Voltage
VDD <12.5V, Pin<20mW
4
V
Pin
Input Power
30
mW
Pout
Output Power
10
W
Tcase(OP)
Operation Case Temperature Range
f=330-400MHz, VGG<3.5V
ZG=ZL=50Ω
-30 to +90
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
330
400
MHz
Pout
Output Power
VDD=12.5V,VGG=3.5V, Pin=20mW
7
W
η
T
Total Efficiency
40
%
2fo
2
nd Harmonic
-25
dBc
ρ
in
Input VSWR
4:1
IGG
Gate Current
Pout=7W (VGG control),
VDD=12.5V,
Pin=20mW
1
mA
Stability
VDD=7.2-13.2V, Pin=10-30mW, Pout<8W (VGG control),
Load VSWR=4:1
No parasitic oscillation
Load VSWR Tolerance
VDD=13.2V, Pin=20mW, Pout=7.0W (VGG control),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn