Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML7XX19 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. ML7XX19
Description  MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

ML7XX19 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ML720J19S
ML725B19F
ML720K19S
ML725C19F
MITSUBISHI
ELECTRIC
May 2004
MITSUBISHI LASER DIODES
ML7xx19 SERIES
1310nm InGaAsP FP LASER DIODES
OUTLINE DRAWINGS
Dimension : mm
Dimension : mm
(1)
φ1.0Min.
φ1.5Min.
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
(1)
φ1.5±0.005
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
Case
(1)
(2)
(3)
(4)
PD
LD
Pin Connection
( Top view )
ML720J19S
ML725B19F
Case
(1)
(2)
(3)
(4)
PD
LD
Case
(1)
(2)
(3)
(4)
PD
LD
Pin Connection
( Top view )
ML720K19S
ML725C19F
Case
(1)
(2)
(3)
(4)
PD
LD


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML725B11FMITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
ML7XX16_02MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE 1 2 3 Mitsubishi Electric Semiconductor
ML101J23MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS 1 2 3 Mitsubishi Electric Semiconductor
ML101J24MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS 1 2 3 Mitsubishi Electric Semiconductor
ML101J25MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS 1 2 3 Mitsubishi Electric Semiconductor
ML101J26MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS 1 2 3 Mitsubishi Electric Semiconductor
ML101J27MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS 1 2 3 Mitsubishi Electric Semiconductor
NX7337BF-AA1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION 1 2 3 4 5 California Eastern Labs
NX7338BF-AA1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION 1 2 3 4 5 California Eastern Labs
IR3C01Laser Diodes Driver IC 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn