Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7408P2LC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NDL7408P2LC
Description  1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL7408P2LC Datasheet(HTML) 4 Page - California Eastern Labs

  NDL7408P2LC Datasheet HTML 1Page - California Eastern Labs NDL7408P2LC Datasheet HTML 2Page - California Eastern Labs NDL7408P2LC Datasheet HTML 3Page - California Eastern Labs NDL7408P2LC Datasheet HTML 4Page - California Eastern Labs NDL7408P2LC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NDL7408P SERIES
NDL7408P1
NDL7408P
NDL7408P2
NDL7408P4
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
1. NC
2. PD Anode
3. PD Cathode
4. NC
5. NC
6. LD Cathode
7. LD Anode
8. NC
φ7±0.2
4.1
±0.8
Optical Fiber
SM-9/125
Length: 1 m
15
5
φ3.2±0.25
φ0.45±0.05
φ0.9
φ6±0.1
PD
CASE
LD
P.C.D. =
φ2
5.3
±0.8
25.3
±1.0
20
±1.0
4
1
3
2
φ7±0.2
43
12
3.7
±0.3
2.0
±0.2
4.0
±0.2
φ7±0.2
Optical Fiber
SM-9/125
Length: 1 m
15
5
φ3.2±0.25
2-
φ2.2
φ0.45±0.05
φ0.9
φ6±0.1
PD
CASE
1.0
±0.1
LD
P.C.D. =
φ2
25.3
±1.0
20
±1.0
12.7
±0.2
17.0
±0.2
4
1
3
2
43
12
7.2
±0.3
φ7±0.2
0.5
±0.2
Optical Fiber
SM-9/125
Length: 1 m
5
0.3
φ3.2±0.25
φ0.45±0.05
(4 places)
φ0.9
PD
CASE
φ16
LD
P.C.D. =
φ2
φ2.5 (2 places)
25.6
±1.0
19.5
±1.0
2.5
±1.0
4
1
3
2
12
±0.15
16.0
7
±0.2
4
3
1
2
0.3
15
1.27
±0.2
5.1
±0.1
12.6
±0.2
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ0.45 (4 places)
21.0
±1.0
12.6
±0.2
6.3
±0.2
5.1
±0.2
3.81
±0.3
2.54
±0.3
0.2
2
3
0.5
PINS 1, 4, 5, 8
PINS 2, 3, 6, 7
2.54
±0.3
3.6
±0.5
12.6
±0.2
10.2
±0.2
4
3
2
1
5
6
7
8
(4 places)


Similar Part No. - NDL7408P2LC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7408P2LC NEC-NDL7408P2LC Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P2LC RENESAS-NDL7408P2LC Datasheet
209Kb / 10P
   LASER DIODE
1994
More results

Similar Description - NDL7408P2LC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com