Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7408P4KC Datasheet(PDF) 5 Page - California Eastern Labs

Part # NDL7408P4KC
Description  1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL7408P4KC Datasheet(HTML) 5 Page - California Eastern Labs

  NDL7408P4KC Datasheet HTML 1Page - California Eastern Labs NDL7408P4KC Datasheet HTML 2Page - California Eastern Labs NDL7408P4KC Datasheet HTML 3Page - California Eastern Labs NDL7408P4KC Datasheet HTML 4Page - California Eastern Labs NDL7408P4KC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PART NUMBER
RANKS
DESCRIPTION
NDL7408PK
M
1.0 mW
Without Connector
NDL7408PKC
No Flange
With FC-PC Connector
NDL7408PKD
With SC-PC Connector
NDL7408P1K
M
1.0 mW
Without Connector
NDL74081KC
Flat Mount Flange
With FC-PC Connector
NDL7408P1KD
With SC-PC Connector
NDL7408P2K
M
1.0 mW
Without Connector
NDL74082KC
Vertical Flange
With FC-PC Connector
NDL7408P2KD
With SC-PC Connector
NDL7408P4K
M
1.0 mW
Without Connector
NDL7408P4KC
8-pin DIP
With FC-PC Connector
NDL7408P4KD
With SC-PC Connector
NDL7408PL
N
0.2 mW
Without Connector
NDL7408PLC
No Flange
With FC-PC Connector
NDL7408PLD
With SC-PC Connector
NDL7408P1L
N
0.2 mW
Without Connector
NDL7408P1LC
Flat Mount Flange
With FC-PC Connector
NDL7408P1LD
With SC-PC Connector
NDL7408P2L
N
0.2 mW
Without Connector
NDL7408P2LC
Vertical Flange
With FC-PC Connector
NDL7408P2LD
With SC-PC Connector
NDL7408P4L
N
0.2 mW
Without Connector
NDL7408P4LC
8-pin DIP
With FC-PC Connector
NDL7408P4LD
With SC-PC Connector
ORDERING INFORMATION
NDL7408P SERIES
NDL7408
P : No Flange
P1 : Flat Mount Flange
P2 : Vertical Mount Flange
(
No Suffix : Without Connector
C
: With FC-PC Connector
D
: With SC-PC Connector
(
K : 1.0 mW
L : 0.2 mW
(
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
3/06/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NDL7408P4KC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7408P4KC NEC-NDL7408P4KC Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P4KC RENESAS-NDL7408P4KC Datasheet
209Kb / 10P
   LASER DIODE
1994
More results

Similar Description - NDL7408P4KC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com