Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7408P4KC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NDL7408P4KC
Description  1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL7408P4KC Datasheet(HTML) 3 Page - California Eastern Labs

  NDL7408P4KC Datasheet HTML 1Page - California Eastern Labs NDL7408P4KC Datasheet HTML 2Page - California Eastern Labs NDL7408P4KC Datasheet HTML 3Page - California Eastern Labs NDL7408P4KC Datasheet HTML 4Page - California Eastern Labs NDL7408P4KC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NDL7408P SERIES
LONGITUDINAL MODE FROM FIBER
FOR NDL7408P SERIES
LD Monitor Current, Im (mA)
Wavelenght,
λ (nm)
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C)
OUTPUT POWER FROM FIBER
vs. LD MONITOR CURRENT
1300
1310
1320
1.5
1.0
0.5
0
0.5
1.0
1.5
NDL7408PK Series
NDL7408PL Series
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM
FIBER FOR NDL7408PL SERIES
Case Temperature, TC (
°C)
Case Temperature, TC (
°C)
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICENCY FROM
FIBER FOR NDL7408PK SERIES
0.03
0.02
0.01
0
-60
-40
-20
0
20
40
60
80
100
0.10
0.06
0.08
0.04
0.02
0
-60
-40
-20
0
20
40
60
80
100
FORWARD CURRENT vs. FORWARD
VOLTAGE FOR NDL7408P SERIES
Modulation Frequency, f (GHz)
Forward Voltage, VF (V)
FREQUENCY RESPONSE
(Pf = 0.2/1.0 (mW))
50
40
30
20
10
0
12
01
-12
9
6
3
0
-3
-6
-9
23
4
5


Similar Part No. - NDL7408P4KC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7408P4KC NEC-NDL7408P4KC Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P4KC RENESAS-NDL7408P4KC Datasheet
209Kb / 10P
   LASER DIODE
1994
More results

Similar Description - NDL7408P4KC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com