Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5521P2D Datasheet(PDF) 1 Page - California Eastern Labs

Part # NDL5521P2D
Description  2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5521P2D Datasheet(HTML) 1 Page - California Eastern Labs

  NDL5521P2D Datasheet HTML 1Page - California Eastern Labs NDL5521P2D Datasheet HTML 2Page - California Eastern Labs NDL5521P2D Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.5 Gb/s OPTICAL FIBER
COMMUNICATIONS
φ50 µm
InGaAs AVALANCHE PHOTO
DIODE MODULE WITH MMF
NDL5521P
SERIES
FEATURES
• SMALL DARK CURRENT:
ID = 5 nA
• HIGH QUANTUM EFFICIENCY:
η = 90% at λ = 1300 nm, M = 1
η = 77% at λ = 1550 nm, M = 1
• HIGH SPEED RESPONSE:
fc = 2.5 GHz at M = 10
• DETECTING AREA SIZE:
φ50 µm
• COAXIAL MODULE WITH MULTIMODE FIBER
(GI-50/125)
• NDL5521P1 AND NDL5521P2 HAVE A FLANGE
The NDL5521P Series are InGaAs avalanche photo diode
modules with multimode fiber.They are designed for 2.5 Gb/s
optical fiber communication systems and cover the wave-
length range between 1000 and 1600 nm with high efficiency.
These modules are also available with FC-PC connector and
SC-PC connector.
DESCRIPTION
PART NUMBER
NDL5521P Series
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
V(BR)R
Reverse Breakdown Voltage, ID = 100
µA
V
40
55
80
δ
Temperature Coefficient of Reverse Breakdown
Voltage1
%/
°C0.20
ID
Dark Current, VR = V(BR)R x 0.9
nA
5
30
IDM
Multiplied Dark Current, M = 2 to 10
nA
0.50
5
Ct
Terminal Capacitance, VR = V(BR)R x 0.9, f = 1 MHz
pF
0.40
0.75
fC
Cut-off Frequency,
M = 5
GHz
2.5
M = 10
2.5
3.0
M = 30
1.0
η
Quantum Efficiency,
λ = 1300 nm, M = 1
%
76
90
λ = 1550 nm, M = 1
65
77
S
Responsivity,
λ = 1300 nm, M = 1
A/W
0.80
0.94
λ = 1550 nm, M = 1
0.81
0.96
M
Multiplication Factor,
λ = 1550 nm, IPO = 1.0 µA,
M
30
40
VR = V (at ID = 1
µA)
X
Excess Noise Factor,
λ = 1300 nm, 1550 nm,
0.7
FIPO = 1.0
µA, M = 10, f = 35 MHz, B = 1 MHz
5
ORL
Optical Return Loss
dB
30
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C)
V(BR)R < 25
°C + ∆T°C > - V(BR)R < 25°C>
Note: 1.
δ =
∆T°C • V(BR)R < 25°C>
California Eastern Laboratories


Similar Part No. - NDL5521P2D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL5521P2D RENESAS-NDL5521P2D Datasheet
179Kb / 8P
   PHOTO DIODE
1994
More results

Similar Description - NDL5521P2D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5102P NEC-NDL5102P Datasheet
58Kb / 2P
   1300nm OPTICAL FIBER COMMUNICATIONS pi=30um GERMANIUM AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Optoway Technology Inc
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
logo
NEC
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com