Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7401P Datasheet(PDF) 1 Page - California Eastern Labs

Part # NDL7401P
Description  1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL7401P Datasheet(HTML) 1 Page - California Eastern Labs

  NDL7401P Datasheet HTML 1Page - California Eastern Labs NDL7401P Datasheet HTML 2Page - California Eastern Labs NDL7401P Datasheet HTML 3Page - California Eastern Labs NDL7401P Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1310 nm InGaAsP STRAINED
MQW DC-PBH LASER DIODE COAXIAL
MODULE WITH SINGLE MODE FIBER
NDL7401P
SERIES
FEATURES
• CENTER WAVELENGTH:
λC = 1310 nm
• HIGH OUTPUT POWER FROM FIBER:
PF = 2.0 mW MIN
• LOW THRESHOLD CURRENT:
ITH = 10 mA TYP at TC = 25
°C
• HIGH CUT-OFF FREQUENCY:
fC = 2.0 GHz
• InGaAs MONITOR PIN-PD
• WIDE OPERATING TEMPERATURE RANGE:
TC =-40 to +85
°C
• BASED ON BELLCORE TA-NWT-000983
The NDL7401P Series is a 1310 nm laser diode coaxial
module with single mode fiber. It has a strained Multiple
Quantum Well (st-MQW) structure and a built-in InGaAs
monitor photo diode. It is recommended for junction and
access network systems. The series is also available in FC-
PC and SC-PC connectors.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NDL7401P Series
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VOP
Operating Voltage, Pf = 2.0 mW
V
1.1
1.3
ITH
Threshold Current,
mA
10
25
TC = 85
°C25
50
IMOD
Modulation Current, Pf = 2.0 mW
mA
15
20
ηD
Differential Efficiency from Fiber,
W/A
0.100
0.150
TC = 85
°C
0.075
0.100
λC
Center Emission Wavelength, Pf = 2.0 mW, RMS (-20 dB)
nm
1290
1310
1330
TC = -40 to +85
°C
1260
1360
∆λ/∆T
Temperature Dependence of Center Emission
Wavelength,
TC = -40 to +85
°C
nm/
°C
0.4
0.5
σ
Spectral Width,
Pf = 2.0 mW, RMS (-20 dB)
nm
1.3
2.5
TC = 85
°C
1.5
4.0
tr
Rise Time, 10 to 90%
ns
0.2
0.5
tf
Fall Time, 90 to 10%
ns
0.3
0.5
Im
Monitor Current, VR = 5 V
, Pf = 2.0 mW
µA
100
700
ID
Monitor Dark Current, VR = 5 V
nA
0.1
10
γ1
Tracking Error, Im = const., TC = -40 to +85
°C
dB
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
Note:
1.
Pf
(mW)
TC = 25
°C
(at Pf (25
°C) = 2.0 mW)
TC = -40 to +85
°C
2.0
0
Pf
Im
Im
Pf
γ = 10 log
2.0 mW


Similar Part No. - NDL7401P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7401P RENESAS-NDL7401P Datasheet
197Kb / 10P
   LASER DIODE
1995
logo
NEC
NDL7401P1 NEC-NDL7401P1 Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7401P1 RENESAS-NDL7401P1 Datasheet
197Kb / 10P
   LASER DIODE
1995
More results

Similar Description - NDL7401P

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com