Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7862G Datasheet(PDF) 2 Page - California Eastern Labs

Part # MC-7862G
Description  CATV 18 dB POWER DOUBLER AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7862G Datasheet(HTML) 2 Page - California Eastern Labs

  MC-7862G Datasheet HTML 1Page - California Eastern Labs MC-7862G Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VDD = 24 V
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
MC-7862G
TYPICAL SCATTERING PARAMETERS
50
0.073
-153.70
8.370
-4.504
0.016
-0.754
0.102
-176.30
100
0.069
-155.90
8.513
-31.110
0.016
-23.830
0.086
-176.30
150
0.067
-151.70
8.554
-53.700
0.016
-43.060
0.073
-167.60
200
0.065
-149.40
8.623
-74.760
0.016
-61.530
0.065
-158.90
250
0.061
-144.00
8.683
-95.530
0.015
-79.870
0.064
-146.40
300
0.053
-131.50
8.724
-116.300
0.015
-98.270
0.063
-133.10
350
0.047
-123.70
8.751
-137.100
0.015
-117.200
0.065
-130.30
400
0.049
-109.40
8.786
-157.100
0.015
-135.800
0.066
-123.10
450
0.043
-105.30
8.813
-178.000
0.015
-155.000
0.055
-124.80
500
0.039
-96.47
8.858
161.200
0.015
-173.800
0.041
-120.20
550
0.034
-63.90
8.878
140.400
0.015
168.200
0.026
-87.00
600
0.043
-22.72
8.890
119.400
0.015
151.000
0.038
-30.17
650
0.076
-18.18
8.890
98.320
0.015
135.000
0.079
-29.17
700
0.117
-21.01
8.831
77.360
0.015
119.500
0.121
-33.13
750
0.160
-32.39
8.851
56.790
0.015
104.700
0.166
-46.74
800
0.210
-43.85
8.943
36.270
0.015
91.170
0.209
-59.90
850
0.255
-55.77
9.152
15.220
0.014
77.890
0.244
-75.92
900
0.306
-71.98
9.405
-6.480
0.014
63.070
0.273
-92.13
950
0.331
-86.29
9.635
-29.450
0.012
47.360
0.291
-104.70
1000
0.375
-98.07
9.729
-51.340
0.010
36.940
0.319
-118.80
1050
0.409
-109.30
10.240
-74.130
0.009
25.510
0.321
-132.60
ABSOLUTE MAXIMUM RATINGS1 (TCASE= 30 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDD
Supply Voltage
V
30
VI
Input Voltage (Single Tone)
dBmV
65
TOP
Operating Temperature
°C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
S21 MAG:
3.0/DIV., 15.00 FS
S12 MAG:
0.01/DIV., 0.05 FS
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
S22
S11
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
S21
S12
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
05/17/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - MC-7862G

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
More results

Similar Description - MC-7862G

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7862 NEC-MC-7862 Datasheet
22Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7862 CEL-MC-7862 Datasheet
25Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7881_2015 JMNIC-MC-7881_2015 Datasheet
39Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com