Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXE15 Datasheet(PDF) 7 Page - Artesyn Technologies

Part # SXE15
Description  High Efficiency DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SXE15 Datasheet(HTML) 7 Page - Artesyn Technologies

Back Button SXE15_05 Datasheet HTML 3Page - Artesyn Technologies SXE15_05 Datasheet HTML 4Page - Artesyn Technologies SXE15_05 Datasheet HTML 5Page - Artesyn Technologies SXE15_05 Datasheet HTML 6Page - Artesyn Technologies SXE15_05 Datasheet HTML 7Page - Artesyn Technologies SXE15_05 Datasheet HTML 8Page - Artesyn Technologies SXE15_05 Datasheet HTML 9Page - Artesyn Technologies SXE15_05 Datasheet HTML 10Page - Artesyn Technologies SXE15_05 Datasheet HTML 11Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SXE15 Single Series
| 10.8 to 15W DC/DC
7
www.artesyn.com
High Efficiency DC/DC Converters
Protection and Control Features
SXE15-48S1V8 Model
Efficiency
SXE15-48S1V8 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
η
82
83
%
Iout = 100% Iout (max),
Vin = Vin (nom)
Efficiency
η
78
80
%
Iout = 50% Iout (max),
Vin = Vin (nom)
Electrical Characteristics - O/P
SXE15-48S1V8 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
Vdynamic
150
mV
Peak deviation for 50% to 75%
peak deviation
step load, di/dt = 100mA/µsec
Load transient response -
Trecovery
400
µsec
Settling time to within 1% of
recovery
output set point voltage for 50%
to 75% step load
External load capacitance
Cext
10,000
µF
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Overvoltage clamp voltage
Vov
2.0
2.2
3.0
V DC
Non-latching. Refer to
Application Note 116 for details
Overcurrent limit inception
Ioc
7.5
8.4
A DC
Vo = 90% of Vo (nom)
Output voltage trim range
110
%
Trim up (% of Vo nom)
90
%
Trim down (% of Vo nom)
See Application Note 116 for
details of trim equations and
trim curves
Open sense voltage
V DC
No sense option
File Name: lf_sxe15s.pdf Rev: 09 Sept 2005


Similar Part No. - SXE15_05

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXE15-48S05 ARTESYN-SXE15-48S05 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15-48S05J EMERSON-NETWORKPOWER-SXE15-48S05J Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S12 ARTESYN-SXE15-48S12 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15-48S12J EMERSON-NETWORKPOWER-SXE15-48S12J Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S1V8 ARTESYN-SXE15-48S1V8 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
More results

Similar Description - SXE15_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com