Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2752 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C2752
Description  1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C2752 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C2752 Datasheet HTML 4Page - Texas Instruments TL16C2752 Datasheet HTML 5Page - Texas Instruments TL16C2752 Datasheet HTML 6Page - Texas Instruments TL16C2752 Datasheet HTML 7Page - Texas Instruments TL16C2752 Datasheet HTML 8Page - Texas Instruments TL16C2752 Datasheet HTML 9Page - Texas Instruments TL16C2752 Datasheet HTML 10Page - Texas Instruments TL16C2752 Datasheet HTML 11Page - Texas Instruments TL16C2752 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
Receiver
Buffer
Register
Divisor
Latch (LS)
Divisor
Latch (MS)
Baud
Generator
Receiver
FIFO
Line
Status
Register
Transmitter
Holding
Register
Modem
Control
Register
Modem
Status
Register
Line
Control
Register
Transmitter
FIFO
Interrupt
Enable
Register
Interrupt
Identification
Register
FIFO
Control
Register
Select
and
Control
Logic
Interrupt
Control
Logic
S
e
l
e
c
t
Data
Bus
Buffer
RXA, B
TXA, B
CTSA, B
DTRA, B
DSRA, b
CDA,B
RIA, B
INTA, B
40, 28
37, 27
41, 29
42, 30
43, 31
34, 17
38, 26
39, 25
A0
10
D(7 −0)
9−2
Internal
Data Bus
14
15
18
16
13
21
24
20
11
1
35
A1
A2
CS
CHSEL
XTAL2
RESET
IOR
IOW
XTAL1
TXRDYA
MFA
S
e
l
e
c
t
Receiver
Shift
Register
IrDA Decoder
Receiver
Timing and
Control
Transmitter
Timing and
Control
Modem
Control
Logic
8
33, 44
12, 22
VCC
GND
Power
Supply
RTSA, B
36, 23
Autoflow
Control
(AFE)
8
8
8
8
8
8
8
32
19
TXRDYB
MFB
Crystal
OSC
Buffer
Transmitter
Shift
Register
IrDA Encoder
TL16C2752
SLWS188 – JUNE 2006
A.
Pin numbers shown are for 44-pin PLCC FN package.
Figure 4. Functional Block Diagram
8
Submit Documentation Feedback


Similar Part No. - TL16C2752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2752 TI1-TL16C2752 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752FN TI1-TL16C2752FN Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752IFN TI1-TL16C2752IFN Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752IFNR TI1-TL16C2752IFNR Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
More results

Similar Description - TL16C2752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com