Electronic Components Datasheet Search |
|
5962-0051205Q2A Datasheet(PDF) 9 Page - Texas Instruments |
|
5962-0051205Q2A Datasheet(HTML) 9 Page - Texas Instruments |
9 / 58 page TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS220J − JULY 1998 − REVISED FEBRUARY 2004 9 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT 25 °C 500 2000 VIO Input offset voltage VDD = 5 V, Full range 2200 V VIO Input offset voltage VDD = 5 V, VIC = 2.5, TLV246xA 25 °C 500 1500 µV VIC = 2.5, VO = 2.5 V, RS = 50 Ω TLV246xA Full range 1700 VIO Temperature coefficient of input off- O RS = 50 Ω 25 °C 2 V/ °C αVIO Temperature coefficient of input off- set voltage 25 °C 2 µV/°C 25 °C 0.3 7 IIO Input offset current VDD = 5 V, TLV246xC Full range 15 nA IIO Input offset current VDD = 5 V, VIC = 2.5 V, TLV246xI/Q/M Full range 60 nA VIC = 2.5 V, VO = 2.5 V, R = 50 25 °C 1.3 14 IIB Input bias current VO = 2.5 V, RS = 50 Ω TLV246xC Full range 30 nA IIB Input bias current TLV246xI/Q/M Full range 60 nA IOH = − 2.5 mA 25 °C 4.9 VOH High-level output voltage IOH = − 2.5 mA Full range 4.8 V VOH High-level output voltage IOH = − 10 mA 25 °C 4.8 V IOH = − 10 mA Full range 4.7 VIC = 2.5 V, IOL = 2.5 mA 25 °C 0.1 VOL Low-level output voltage VIC = 2.5 V, IOL = 2.5 mA Full range 0.2 V VOL Low-level output voltage VIC = 2.5 V, IOL = 10 mA 25 °C 0.2 V VIC = 2.5 V, IOL = 10 mA Full range 0.3 Sourcing 25 °C 145 IOS Short-circuit output current Sourcing Full range 60 mA IOS Short-circuit output current Sinking 25 °C 100 mA Sinking Full range 60 IO Output current Measured at 1 V from rail 25 °C ±80 mA AVD Large-signal differential voltage VIC = 2.5 V, RL = 10 kΩ, 25 °C 92 109 dB AVD Large-signal differential voltage amplification VIC = 2.5 V, VO = 1 V to 4 V RL = 10 kΩ, Full range 90 dB ri(d) Differential input resistance 25 °C 109 Ω ci(c) Common-mode input capacitance f = 10 kHz 25 °C 7 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 29 Ω VICR = 0 V to 5 V, 25 °C 71 85 CMRR Common-mode rejection ratio VICR = 0 V to 5 V, RS = 50 Ω TLV246xC Full range 69 dB CMRR Common-mode rejection ratio RS = 50 Ω TLV246xI/Q/M Full range 60 dB VDD = 2.7 V to 6 V, VIC = VDD /2, 25 °C 80 85 dB kSVR Supply voltage rejection ratio VDD = 2.7 V to 6 V, No load VIC = VDD /2, Full range 75 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 3 V to 5 V, VIC = VDD /2, 25 °C 85 95 dB ( VDD / VIO) VDD = 3 V to 5 V, No load VIC = VDD /2, Full range 80 dB IDD Supply current (per channel) VO = 2.5 V, No load, 25 °C 0.55 0.65 mA IDD Supply current (per channel) VO = 2.5 V, No load, Full range 1 mA IDD(SHDN) Supply current in shutdown SHDN < 0.7 V, Per channels in 25 °C 1 A IDD(SHDN) Supply current in shutdown (TLV2460, TLV2463, TLV2465) SHDN < 0.7 V, Per channels in shutdown Full range 3 µA † Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix. |
Similar Part No. - 5962-0051205Q2A |
|
Similar Description - 5962-0051205Q2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |