Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-S14K20G5S5 Datasheet(PDF) 6 Page - EPCOS

Part # SIOV-S14K20G5S5
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S14K20G5S5 Datasheet(HTML) 6 Page - EPCOS

Back Button SIOV-S14K20G5S5 Datasheet HTML 2Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 3Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 4Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 5Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 6Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 7Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 8Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 9Page - EPCOS SIOV-S14K20G5S5 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
211 04/02
Tape dimensions (in mm)
Sym-
bol
= 5,0 Tolerance
= 7,5 Tolerance
= 10,0 Tolerance
Remarks
b
max.
max.
max.
see tables
s
max.
max.
max.
on page 169 ff
d
0,61)
1) SHCV 0,5
± 0,05
0,8
± 0,05
1,0
± 0,05
P0
12,7
± 0,3
12,7 2)
2) Taping with P0 = 15,0 mm upon request
± 0,3
12,7
± 0,3
± 1 mm/20
sprocket holes
P1
3,85
± 0,7
8,95
± 0,8
7,7
± 0,8
F
5,0
+ 0,6/– 0,1 7,5
± 0,8
10,0
± 0,8
Dh
0
± 2,0
depends on s
depends on s
measured at
Dp
0
± 1,3
0
± 2,0
0
± 2,0
top of compo-
nent body
W
18,0
± 0,5
18,0
± 0,5
18,0
± 0,5
W0
5,5
min.
11,0
min.
11,0
min.
Peel-off
force
³ 5 N
W1
9,0
± 0,5
9,0
+ 0,75/– 0,5 9,0
+ 0,75/– 0,5
W2
3,0
max.
3,0
max.
3,0
max.
H
18,0
+ 2,0/– 0
18,0
+ 2,0/– 0
18,0
+ 2,0/– 0
3)
3) Applies only to uncrimped types
H0
16,0
± 0,5
16,0
± 0,5
16,0
± 0,5
4)
4) Applies only to crimped types (H0 = 18 upon request)
(18,0)
(18,0)
H1
32,2
max.
45,0
max.
45,0
max.
D0
4,0
± 0,2
4,0
± 0,2
4,0
± 0,2
t
0,9
max.
0,9
max.
0,9
max.
without lead
L
11,0
max.
11,0
max.
11,0
max.
l
4,0
max.
Taping
Leaded Varistors


Similar Part No. - SIOV-S14K20G5S5

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S14K20 EPCOS-SIOV-S14K20 Datasheet
140Kb / 16P
   Leaded Varistors
SIOV-S14K20 EPCOS-SIOV-S14K20 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
More results

Similar Description - SIOV-S14K20G5S5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com