Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS20600CF8T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS20600CF8T1G
Description  20 V, 7.0 A, Low VCE(sat) PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS20600CF8T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS20600CF8T1G Datasheet HTML 1Page - ON Semiconductor NSS20600CF8T1G Datasheet HTML 2Page - ON Semiconductor NSS20600CF8T1G Datasheet HTML 3Page - ON Semiconductor NSS20600CF8T1G Datasheet HTML 4Page - ON Semiconductor NSS20600CF8T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS20600CF8T1G
http://onsemi.com
4
VCE (Vdc)
Figure 7. Input Capacitance
VEB, EMITTER BASE VOLTAGE (V)
0
450
400
350
3.0
1.0
2.0
300
850
500
5.0
4.0
6.0
0.01
0.1
1.0
10
0.01
1.0
10
100
Cibo (pF)
Figure 8. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
0
200
175
150
100
5.0
125
375
225
10
15
25
Cobo (pF)
Figure 9. Safe Operating Area
20
1.0 mS
10 mS
100 mS
1.0 S
Thermal
Limit
250
350
0.1
550
700
650
600
750
800
275
300
325


Similar Part No. - NSS20600CF8T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results

Similar Description - NSS20600CF8T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G Datasheet
61Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G_07 Datasheet
108Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
103Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_07 Datasheet
106Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_13 Datasheet
104Kb / 6P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2013 ??Rev. 4
NSS20501UW3T2G ONSEMI-NSS20501UW3T2G Datasheet
88Kb / 5P
   20 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
102Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20300MR6T1G ONSEMI-NSS20300MR6T1G_09 Datasheet
134Kb / 5P
   20 V, 5 A, Low VCE(sat) PNP Transistor
April, 2009 ??Rev. 2
NSS20200LT1G ONSEMI-NSS20200LT1G_07 Datasheet
106Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com