Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-S14K300G5 Datasheet(PDF) 15 Page - EPCOS

Part # SIOV-S14K300G5
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S14K300G5 Datasheet(HTML) 15 Page - EPCOS

Back Button SIOV-S14K300G5 Datasheet HTML 8Page - EPCOS SIOV-S14K300G5 Datasheet HTML 9Page - EPCOS SIOV-S14K300G5 Datasheet HTML 10Page - EPCOS SIOV-S14K300G5 Datasheet HTML 11Page - EPCOS SIOV-S14K300G5 Datasheet HTML 12Page - EPCOS SIOV-S14K300G5 Datasheet HTML 13Page - EPCOS SIOV-S14K300G5 Datasheet HTML 14Page - EPCOS SIOV-S14K300G5 Datasheet HTML 15Page - EPCOS SIOV-S14K300G5 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
220 04/02
Crimp style S11 (for lead spacing
= 7,5):
Example: SIOV-S14K275S11
Trimmed leads
Varistors with cut leads available upon request.
Lead length tolerances:
Straight leads
+/– 1,0 mm
Crimped leads
+/– 0,8 mm
Min. lead length
+/– 3,5 mm
Examples:
SIOV-S07K275M4,5:
straight leads, lead length 4,5
± 1,0 mm
SIOV-S14K275S5M4,5: crimpstyle 5, lead length 4,5
± 0,8 mm
VAR0429-Y
1)
e
1) Seating plane according to IEC 60717
VAR0414-D
7,5 nom.
Layout recommendation
Recommended PCB thickness: 1,6 +/– 0,14 mm
Recommended hole pattern
VAR0549-S
1,50±0,10
1,20 0
_
+0,10
1,35±0,05
Copper
Taping / Lock-In Crimps / Trimmed Leads
Trimmed leads
Leaded Varistors


Similar Part No. - SIOV-S14K300G5

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S14K300E2 EPCOS-SIOV-S14K300E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
SIOV-S14K300E2K11 TDK-SIOV-S14K300E2K11 Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
More results

Similar Description - SIOV-S14K300G5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com