Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIOV-S14K230G5 Datasheet(PDF) 15 Page - EPCOS

Part No. SIOV-S14K230G5
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

SIOV-S14K230G5 Datasheet(HTML) 15 Page - EPCOS

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
220 04/02
Crimp style S11 (for lead spacing
= 7,5):
Example: SIOV-S14K275S11
Trimmed leads
Varistors with cut leads available upon request.
Lead length tolerances:
Straight leads
+/– 1,0 mm
Crimped leads
+/– 0,8 mm
Min. lead length
+/– 3,5 mm
Examples:
SIOV-S07K275M4,5:
straight leads, lead length 4,5
± 1,0 mm
SIOV-S14K275S5M4,5: crimpstyle 5, lead length 4,5
± 0,8 mm
VAR0429-Y
1)
e
1) Seating plane according to IEC 60717
VAR0414-D
7,5 nom.
Layout recommendation
Recommended PCB thickness: 1,6 +/– 0,14 mm
Recommended hole pattern
VAR0549-S
1,50±0,10
1,20 0
_
+0,10
1,35±0,05
Copper
Taping / Lock-In Crimps / Trimmed Leads
Trimmed leads
Leaded Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn