Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-S14K230G5 Datasheet(PDF) 14 Page - EPCOS

Part # SIOV-S14K230G5
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S14K230G5 Datasheet(HTML) 14 Page - EPCOS

Back Button SIOV-S14K230G5 Datasheet HTML 8Page - EPCOS SIOV-S14K230G5 Datasheet HTML 9Page - EPCOS SIOV-S14K230G5 Datasheet HTML 10Page - EPCOS SIOV-S14K230G5 Datasheet HTML 11Page - EPCOS SIOV-S14K230G5 Datasheet HTML 12Page - EPCOS SIOV-S14K230G5 Datasheet HTML 13Page - EPCOS SIOV-S14K230G5 Datasheet HTML 14Page - EPCOS SIOV-S14K230G5 Datasheet HTML 15Page - EPCOS SIOV-S14K230G5 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
219 04/02
Lock-in crimps
These crimp styles provide automatic lock-in function on the printed circuit board, for facilitated as-
sembly.
Crimp style S9 (for lead spacing
= 5):
Example: SIOV-S07K275S9
Type series SIOV-S14, crimped leads
= 7,5 (continued)
SIOV-S14K115G5S5
B72214S0111K551
S5
1500
SIOV-S14K130G5S5
B72214S0131K551
S5
1500
SIOV-S14K140G5S5
B72214S0141K551
S5
1500
SIOV-S14K150G5S5
B72214S0151K551
S5
1500
SIOV-S14K175G5S5
B72214S0171K551
S5
1500
SIOV-S14K230G5S5
B72214S0231K551
S5
1000
SIOV-S14K250G5S5
B72214S0251K551
S5
1000
SIOV-S14K275G5S5
B72214S0271K551
S5
1000
SIOV-S14K300G5S5
B72214S0301K551
S5
1000
SIOV-S14K320 … 460G.(S.) upon request
SIOV-S20K11 … 320G.(S.) upon request
SIOV-S..K … E2G.(S.)
taping according
to the versions
of the standard program
upon request
SIOV-S20K … E3G.(S.)
SIOV-Q14K … G.(S.)
SIOV-Q20K … G.(S.)
Type
Ordering code
Crimp style
Pieces/reel III
VAR0413-V
e
1) Seating plane in according to IEC 60717
1)
VAR0421-M
ø1,0±0,02
5,0 ±0,2 mm
*) Versatz "a" abhänglg
von der Spannungsklasse
Layout recommendation
Recommended PCB thickness: 1,5 + 0,2 mm
*) Set-off “a” depending on voltage ratings
Taping / Lock-In Crimps
Lock-in crimps
Leaded Varistors


Similar Part No. - SIOV-S14K230G5

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S14K230E2 EPCOS-SIOV-S14K230E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
SIOV-S14K230E2K11 TDK-SIOV-S14K230E2K11 Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
More results

Similar Description - SIOV-S14K230G5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com