Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAA5060SURVGAPBEC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. AAA5060SURVGAPBEC
Description  5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

AAA5060SURVGAPBEC Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAG5855
REV NO: V.1
DATE: JUN/21/2006
PAGE: 2 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1201002374
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. *Luminous intensity with asterisk is measured at 30mA; Luminous intensity / luminous flux: +/-15%.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Within 350mW at all chips are lightened.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Hyper Red
Green
Blue
640
520
465
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Red
Green
Blue
628
525
470
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Red
Green
Blue
27
35
25
nm
IF=20mA
C
Capacitance
Hyper Red
Green
Blue
45
100
110
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
Green
Blue
1.9
3.2
3.7
2.5
4.0
4.3
V
IF=20mA
IR
Reverse Current
Hyper Red
Green
Blue
10
10
10
uA
VR = 5V
Parameter
Hyper Red
Green
Blue
Units
Power dissipation [2]
mW
DC Forward Current
50
50
30
mA
Peak Forward Current [1]
185
100
160
mA
Reverse Voltage
5
5
5
V
Operating / Storage Temperature
-40°C To +85°C
350
Part No.
Dice
Lens Type
Iv (mcd) [2]
@50mA *30mA
Viewing
Angle [1]
Min.
Typ.
2
θ 1/2
AAA5060SURVGAPBEC
HYPER RED (InGaAIP)
WATER CLEAR
380
500
GREEN (InGaN)
*180
*350
BLUE (InGaN)
*110
*250
100
°
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAA5060SEEVGAPBEC5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AAA5060SUREVGEC5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022EC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022SGC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022SRC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022YC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA2734SRSGC2.7x3.4mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA4040QBC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060SEC5.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
QTLP600C-23SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn