Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAA5060SUREVGEC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. AAA5060SUREVGEC
Description  5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

AAA5060SUREVGEC Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD0905
REV NO: V.5
DATE: MAR/14/005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1201000783
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. * Luminous intensity with asterisk is measured at 30mA.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@50mA*30 mA
Viewing
Angle
Min.
Typ.
2
θθθθ 1/2
AAA5060SUREVGEC
HYPER RED (InGaAlP)
WATER CLEAR
380
700
100
°
GREEN (InGaN)
*280
*600
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Hyper Red
Green
640
518
nm
IF=20mA
λD
Dominant Wavelength
Hyper Red
Green
630
525
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Hyper Red
Green
25
36
nm
IF=20mA
C
Capacitance
Hyper Red
Green
45
50
pF
VF=0V;f=1MHz
VF
Forward Voltage
Hyper Red
Green
1.9
3.5
2.5
4.5
V
IF=20mA
IR
Reverse Current
All
10
uA
VR = 5V
Parameter
Hyper Red
Green
Units
Power dissipation
125
135
mW
DC Forward Current
50
30
mA
Peak Forward Current [1]
200
150
mA
Reverse Voltage
5
5
V
Operating / Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAA5060SEEVGAPBEC5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
APTF3216PBAVGASUK3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AA4040PBC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060PBC_15.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA2734ESGC_052.7x3.4mm SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA4040PGC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060PBS5.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
QTLP600C-23SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
AA3020SEC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn