Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAA5060SEEVGAPBEC Datasheet(PDF) 7 Page - Kingbright Corporation

Part No. AAA5060SEEVGAPBEC
Description  5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAA5060SEEVGAPBEC Datasheet(HTML) 7 Page - Kingbright Corporation

  AAA5060SEEVGAPBEC Datasheet HTML 1Page - Kingbright Corporation AAA5060SEEVGAPBEC Datasheet HTML 2Page - Kingbright Corporation AAA5060SEEVGAPBEC Datasheet HTML 3Page - Kingbright Corporation AAA5060SEEVGAPBEC Datasheet HTML 4Page - Kingbright Corporation AAA5060SEEVGAPBEC Datasheet HTML 5Page - Kingbright Corporation AAA5060SEEVGAPBEC Datasheet HTML 6Page - Kingbright Corporation AAA5060SEEVGAPBEC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPEC NO: DSAG5854
REV NO: V.1
DATE: JUN/21/2006
PAGE: 7 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1201002373
PACKING & LABEL SPECIFICATIONS
AAA5060SEEVGAPBEC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AA3022EC 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3022SGC 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3022SRC 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3022YC 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3020CGCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
APTF3216PBAVGASUK 3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  More Kingbright Corporation
AA3020MBC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA4040SECK 4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
AA5060SURC 5.0X6.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020MBCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn