Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAA5060SEEVGAPBEC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. AAA5060SEEVGAPBEC
Description  5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

AAA5060SEEVGAPBEC Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAG5854
REV NO: V.1
DATE: JUN/21/2006
PAGE: 2 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1201002373
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. *Luminous intensity with asterisk is measured at 30mA; Luminous intensity / luminous flux: +/-15%.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Within 350mW at all chips are lightened.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Hyper Orange
Green
Blue
630
520
465
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Orange
Green
Blue
621
525
470
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Orange
Green
Blue
20
35
25
nm
IF=20mA
C
Capacitance
Hyper Orange
Green
Blue
25
100
110
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Orange
Green
Blue
2.0
3.2
3.7
2.5
4.0
4.3
V
IF=20mA
IR
Reverse Current
Hyper Orange
Green
Blue
10
10
10
uA
VR = 5V
Parameter
Hyper Orange
Green
Blue
Units
Power dissipation [2]
mW
DC Forward Current
50
50
30
mA
Peak Forward Current [1]
195
100
160
mA
Reverse Voltage
5
5
5
V
Operating / Storage Temperature
-40°C To +85°C
350
Part No.
Dice
Lens Type
Iv (mcd) [2]
@50mA *30mA
Viewing
Angle [1]
Min.
Typ.
2
θ 1/2
AAA5060SEEVGAPBEC
HYPER ORANGE(InGaAIP)
WATER CLEAR
650
1000
GREEN (InGaN)
*180
*350
BLUE (InGaN)
*110
*250
100
°
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AA3022EC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022SGC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022SRC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022YC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
APTF3216PBAVGASUK3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AA3020MBC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA4040SECK4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060SURC5.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020MBCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn