Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNR12 Datasheet(PDF) 4 Page - Rohm

Part # MNR12
Description  Chip resistor networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR12 Datasheet(HTML) 4 Page - Rohm

  MNR12_1 Datasheet HTML 1Page - Rohm MNR12_1 Datasheet HTML 2Page - Rohm MNR12_1 Datasheet HTML 3Page - Rohm MNR12_1 Datasheet HTML 4Page - Rohm MNR12_1 Datasheet HTML 5Page - Rohm MNR12_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MNR12
Resistors
Rev.D
4/5
Part No. Explanation
Resistance tolerance
Part No.
MN
1
R2
Nominal resistance
E0 A P
J
E0AP
Paper tape (4mm Pitch)
MNR12
5,000
φ180mm (7in.)
J is also used
for jumper
J
±5%
F
±1%
Part No.
Resistance tolerance
J(
±5%)
F(
±1%)
Code
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product
Packaging Specifications Code
Resistance code,3 digits,
000 denotes Jumper type.
Electrical characteristics
−6.0
−5.0
−4.0
−3.0
−2.0
−1.0
0
2.0
1.0
4.0
3.0
6.0
5.0
RESISTANCE
(
Ω)
Fig.2 Resistance
JIS C 5201-1 4.5
SAMPLE SIZE : n
=40pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
−400
−300
−200
−100
0
100
200
300
400
RESISTANCE
(
Ω)
Fig.3 Variation resistance with
temperature
JIS C 5201-1 4.8
SAMPLE SIZE : n
=20pcs
25
°C / −55°C 25°C / 125°C
10
100
1k
10k
100k
1M
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.4 Overload
JIS C 5201-1 4.13
SAMPLE SIZE : n
=20pcs
RATED VOLTAGE
× 2.5TIMES 2s
MAXIMUM OVERLAND VOLTAGE : 100V
10
100
1k
10k
100k
1M
−2.0
−3.0
−1.0
0
1.0
2.0
3.0
RESISTANCE
(
Ω)
Fig.5 Resistance to soldering heat
JIS C 5201-1 4.18
SAMPLE SIZE : n
=20pcs
SOLDERING CONDITION
: 260
°C 10s
10
100
1k
10k
100k
1M
−2.0
−3.0
−1.0
0
1.0
2.0
3.0
RESISTANCE
(
Ω)
Fig.6 Rapid change of
temperature
JIS C 5201-1 4.19
SAMPLE SIZE : n
=20pcs
−55°C / 125°C 5cyc
10
100
1k
10k
100k
1M
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.7 Damp heat, steady state
JIS C 5201-1 4.24
SAMPLE SIZE : n
=20pcs
40
°C 93%RH WITH NO LOAD
1000h
10
100
1k
10k
100k
1M


Similar Part No. - MNR12_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR12 ROHM-MNR12_11 Datasheet
146Kb / 4P
   Compact Chip Resistor Networks
More results

Similar Description - MNR12_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
   Chip Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com