Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320DM6443ZWT Datasheet(PDF) 10 Page - Texas Instruments

Part # TMX320DM6443ZWT
Description  Digital Media System-on-Chip
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320DM6443ZWT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMX320DM6443ZWT Datasheet HTML 6Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 7Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 8Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 9Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 10Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 11Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 12Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 13Page - Texas Instruments TMX320DM6443ZWT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 221 page
background image
www.ti.com
2.2 Device Compatibility
2.3 ARM Subsystem
2.3.1
ARM926EJ-S RISC CPU
TMS320DM6443
Digital Media System-on-Chip
SPRS282E – DECEMBER 2005 – REVISED MARCH 2007
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM6443
DSP 1.68 ns
Cycle Time (Minimum)
ns
DM6443 -594
ARM 3.37 ns
Core (V)
1.2 V (-594)
Voltage
I/O (V)
1.8 V, 3.3 V
CLKIN frequency multiplier
PLL Options
x1 (Bypass), x22 (-594)
(27 MHz reference)
BGA Package
16 x 16 mm
357-Pin BGA (ZWT)
Process Technology
µm
0.09 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
The C64x+ DSP core is code-compatible with the C6000™ DSP platform and supports features of the
C64x DSP family.
The ARM Subsystem is designed to give the ARM926EJ-S (ARM9) master control of the device. In
general, the ARM is responsible for configuration and control of the device; including the DSP Subsystem,
the VPSS Subsystem, and a majority of the peripherals and external memories.
The ARM Subsystem includes the following features:
• ARM926EJ-S RISC processor
• ARMv5TEJ (32/16-bit) instruction set
• Little endian
• Co-Processor 15 (CP15)
• MMU
• 16KB Instruction cache
• 8KB Data cache
• Write Buffer
• 16KB Internal RAM (32-bit wide access)
• 8KB Internal ROM (ARM bootloader for non-EMIFA boot options)
• Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
• ARM Interrupt controller
• PLL Controller
• Power and Sleep Controller (PSC)
• System Module
The ARM Subsystem integrates the ARM926EJ-S processor. The ARM926EJ-S processor is a member of
ARM9 family of general-purpose microprocessors. This processor is targeted at multi-tasking applications
where full memory management, high performance, low die size, and low power are all important. The
Device Overview
10
Submit Documentation Feedback


Similar Part No. - TMX320DM6443ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320DM6443ZWT TI-TMX320DM6443ZWT Datasheet
1Mb / 202P
[Old version datasheet]   Digital Media System on-Chip
More results

Similar Description - TMX320DM6443ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com