Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MNR02 Datasheet(PDF) 1 Page - Rohm

Part No. MNR02
Description  Chip resistor networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR02 Datasheet(HTML) 1 Page - Rohm

  MNR02_1 Datasheet HTML 1Page - Rohm MNR02_1 Datasheet HTML 2Page - Rohm MNR02_1 Datasheet HTML 3Page - Rohm MNR02_1 Datasheet HTML 4Page - Rohm MNR02_1 Datasheet HTML 5Page - Rohm MNR02_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MNR02
Resistors
Rev.A
1/5
Chip resistor networks
MNR02 (1005
× 2 size)
Features
1) Extremely small and light
Area ratio is 60% smaller than that of chip 1616 (MNR12), while weight ratio has been cut 75%.
2) High-density mounting
Can be mounted even more densely than two 1005 chips (MCR01). Also, the cost of mounting has been reduced.
3) Compatible with a wide range of mounting equipment.
Squared corners make it excellent for mounting using image recognition devices.
4) Convex electrodes
Easy to check the fillet after soldering is finished.
5) ROHM resistors have obtained ISO-9001 certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet before using or
ordering it.
Ratings
Item
Conditions
Specifications
0.063W (1 / 16W)
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
−55°C to +125°C
25V
at 70
°C
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
0
20
40
60
80
100
−55
0
70
100
125
155
AMBIENT TEMPERATURE (
°C)
Fig.1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn