Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MNR02 Datasheet(PDF) 5 Page - Rohm

Part No. MNR02
Description  Chip resistor networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR02 Datasheet(HTML) 5 Page - Rohm

  MNR02_1 Datasheet HTML 1Page - Rohm MNR02_1 Datasheet HTML 2Page - Rohm MNR02_1 Datasheet HTML 3Page - Rohm MNR02_1 Datasheet HTML 4Page - Rohm MNR02_1 Datasheet HTML 5Page - Rohm MNR02_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MNR02
Resistors
Rev.A
5/5
Electrical characteristics
−6.0
−5.0
−4.0
−3.0
−2.0
−1.0
0
2.0
1.0
4.0
3.0
6.0
5.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=40pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
Fig.2 Resistance
−400
−300
−200
−100
0
100
200
300
400
RESISTANCE
(
Ω)
JIS C 5201-1 4.8
SAMPLE SIZE : n
=20pcs
25
°C / −55°C 25°C / 125°C
10
100
1k
10k
100k
1M
Fig.3 Variation resistance with
temperature
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.13
SAMPLE SIZE : n
=20pcs
RATED VOLTAGE
×2.5TIMES 2s
LIMITING ELEMENT VOLTAGE
×2 : 100V
10
100
1k
10k
100k
1M
Fig.4 Overload
−2.0
−3.0
−1.0
0
1.0
2.0
3.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.18
SAMPLE SIZE : n
=20pcs
SOLDERING CONDITION
: 260
°C 10s
10
100
1k
10k
100k
1M
Fig.5 Resistance to soldering heat
−2.0
−3.0
−1.0
0
1.0
2.0
3.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.19
SAMPLE SIZE : n
=20pcs
−55°C / 125°C 5cyc
10
100
1k
10k
100k
1M
Fig.6 Rapid change of
temperature
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.24
SAMPLE SIZE : n
=20pcs
40
°C 93%RH WITH NO LOAD
1,000h
10
100
1k
10k
100k
1M
Fig.7 Damp heat, steady state
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.25.1
SAMPLE SIZE : n
=20pcs
70
°C 1,000h
OVERLOAD : THE RATED VOLTAGE
10
100
1k
10k
100k
1M
Fig.8 Endurance at 70
°C
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.25.3
SAMPLE SIZE : n
=20pcs
125
°C WITH NO LOAD 1,000h
10
100
1k
10k
100k
1M
Fig.9 Endurance


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn