Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM-2256 Datasheet(PDF) 1 Page - Rohm

Part # LM-2256
Description  16 x 16 matrix displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM-2256 Datasheet(HTML) 1 Page - Rohm

  LM-2256 Datasheet HTML 1Page - Rohm LM-2256 Datasheet HTML 2Page - Rohm LM-2256 Datasheet HTML 3Page - Rohm LM-2256 Datasheet HTML 4Page - Rohm LM-2256 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM-2256 Series
LED displays
Rev.B
1/4
+−
Tolerance are 0.25 unless other wise noted
Single color type
Dual color type
Part No.
Lot No.
1Pin Mark
Pin No36
Pin No48
Pin No12
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
φ0.5
P2.54
×14=35.56
±0.7
P2.54
×15=38.1
MAX 40.64
P
O
N
M
L
K
J
I
H
G
F
E
D
C
B
A
Pin No37
Pin No13
Pin No1
256-
φ2
5.5
4
Pin No24
Pin No25
rank
Lot No.
Part No.
Pin No20
Pin No32
Pin No12
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
φ0.5
P2.54
×14=35.56
±0.7
P2.54
×15=38.1
MAX 40.64
P
O
N
M
L
K
J
I
H
G
F
E
D
C
B
A
Pin No21
Pin No13
Pin No1
256-
φ2
505K
LM-2256LB1
S1
5.5
4
16 x 16 matrix displays
LM-2256 Series
The LM-2256 series are 16 x 16 matrix
Dimensions (Unit: mm)
displays which can be used in a wide
variety of applications, including alpha-
bet, numeric, symbol, and graphic dis-
plays. Red is available, as well as a dual-color
red / green type.
Application
Light sources for displays
Features
1) 16 x 16 dot matrix
Circular emitters.
2) External dimensions : 4.064 x40.64 x 5.5mm
3) Emitters : Circular, 2.0mm diameter
4) Black package.


Similar Part No. - LM-2256

ManufacturerPart #DatasheetDescription
logo
Rohm
LM-2256 ROHM-LM-2256 Datasheet
99Kb / 4P
   16 x 16 matrix displays
More results

Similar Description - LM-2256

ManufacturerPart #DatasheetDescription
logo
Rohm
LM-1256 ROHM-LM-1256 Datasheet
111Kb / 4P
   16 x 16 matrix displays
LM-2256 ROHM-LM-2256 Datasheet
99Kb / 4P
   16 x 16 matrix displays
LUM-256HMU356 ROHM-LUM-256HMU356 Datasheet
54Kb / 2P
   16 x 16 dot matrix unit
LUM-256HML350 ROHM-LUM-256HML350 Datasheet
54Kb / 2P
   16 x 16 dot matrix unit
logo
LUMEX INC.
LCM-H01602DSF-C LUMEX-LCM-H01602DSF-C Datasheet
249Kb / 2P
   16 X 2 LCD Matrix
logo
Rohm
LM-2512 ROHM-LM-2512 Datasheet
79Kb / 3P
   16 x 32 matrix display
logo
SHOUDING Shouding Semic...
SD16S1Y SHOUDING-SD16S1Y Datasheet
3Mb / 20P
   GB2312 standard 16 X 16 dot matrix chip
logo
Rohm
LUM-512HML320 ROHM-LUM-512HML320 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LUM-512HU351 ROHM-LUM-512HU351 Datasheet
94Kb / 2P
   16 x 32 dot matrix unit
LUM-512HMU309 ROHM-LUM-512HMU309 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com