Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3619-33DGKRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3619-33DGKRG4
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3619-33DGKRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3619-33DGKRG4 Datasheet HTML 1Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 2Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 3Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 4Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 5Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 6Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 7Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 8Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
STANDARD AND APPLICATION SPECIFIC VERSIONS
TPS361
9 – 33
DGK
R
Reel
Nominal Supply Voltage
Package
Functionality
Family
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TPS3619-33
,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387G – APRIL 2001 – REVISED DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGE INFORMATION(1)
SPECIFIED
PACKAGE
TRANSPORT MEDIA,
PRODUCT
ORDERING NUMBER
TEMPERATURE RANGE
MARKING
QUANTITY
TPS3619-33DGK
Tube, 80
TPS3619-33
AFL
TPS3619-33DGKR
Tape and Reel, 2500
TPS3619-50DGK
Tube, 80
TPS3619-50
AFM
TPS3619-50DGKR
Tape and Reel, 2500
–40
°C to +85°C
TPS3620-33DGKT
Tape and Reel, 250
TPS3620-33
ANL
TPS3620-33DGKR
Tape and Reel, 2500
TPS3620-50DGKT
Tape and Reel, 250
TPS3620-50
ANM
TPS3620-50DGKR
Tape and Reel, 2500
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
DEVICE NAME
NOMINAL VOLTAGE(1), VNOM
TPS3619-33 DGK
3.3 V
TPS3619-50 DGK
5.0 V
TPS3620-33 DGK
3.3 V
TPS3620-50 DGK
5.0 V
(1)
For other threshold voltage versions, contact the local TI sales
office for availability and lead-time.
Over operating free-air temperature (unless otherwise noted).(1)
UNIT
Supply voltage:
VDD(2)
7 V
MR and PFI pins(2)
–0.3 V to (VDD + 0.3 V)
Continuous output current:
VOUT, IO
400 mA
All other pins, IO(2)
±10 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–40
°C to +85°C
Storage temperature range, Tstg
–65
°C to +150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device must not be operated at 7 V for more than t = 1000h
continuously.
DERATING
θ
JA
θ
JA
TA < 25°C
TA= +70°C
TA = +85°C
PACKAGE
θ
JC
FACTOR ABOVE
(LOW-K)
(HIGH-K)
POWER RATING
POWER RATING
POWER RATING
TA = +25°C
DGK
55
°C/W
266
°C/W
180
°C/W
470 mW
3.76 mW/
°C
301 mW
241 mW
2
Submit Documentation Feedback


Similar Part No. - TPS3619-33DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3619-33DGKRG4 TI1-TPS3619-33DGKRG4 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3619-33DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com