Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74301RGWT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74301RGWT
Description  1.5A Ultra-LDO with Programmable Sequencing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74301RGWT Datasheet(HTML) 4 Page - Texas Instruments

  TPS74301RGWT Datasheet HTML 1Page - Texas Instruments TPS74301RGWT Datasheet HTML 2Page - Texas Instruments TPS74301RGWT Datasheet HTML 3Page - Texas Instruments TPS74301RGWT Datasheet HTML 4Page - Texas Instruments TPS74301RGWT Datasheet HTML 5Page - Texas Instruments TPS74301RGWT Datasheet HTML 6Page - Texas Instruments TPS74301RGWT Datasheet HTML 7Page - Texas Instruments TPS74301RGWT Datasheet HTML 8Page - Texas Instruments TPS74301RGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
BLOCK DIAGRAM
Thermal
Limit
FB
PG
IN
BIAS
TRACK
EN
Hysteresis
andDe-Glitch
Current
Limit
UVLO
0.8V
Reference
0.9
V
´
REF
GND
V
<V
=1,V
>V
=0
TRACK
REF
TRACK
REF
V
OUT
R
1
R
2
V
=0.8x(
)
OUT
1+
R
1
R
2
1
0
TPS74301
SBVS065E – DECEMBER 2005 – REVISED MAY 2007
Table 1. Standard 1% Resistor Values for Programming the Output Voltage(1)
R1 (kΩ)
R2 (kΩ)
VOUT (V)
Short
Open
0.8
0.619
4.99
0.9
1.13
4.53
1.0
1.37
4.42
1.05
1.87
4.99
1.1
2.49
4.99
1.2
4.12
4.75
1.5
3.57
2.87
1.8
3.57
1.69
2.5
3.57
1.15
3.3
(1)
VOUT = 0.8 × (1 + R1/R2)
4
Submit Documentation Feedback


Similar Part No. - TPS74301RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results

Similar Description - TPS74301RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com