Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74301KTWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74301KTWR
Description  1.5A Ultra-LDO with Programmable Sequencing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74301KTWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS74301KTWR Datasheet HTML 1Page - Texas Instruments TPS74301KTWR Datasheet HTML 2Page - Texas Instruments TPS74301KTWR Datasheet HTML 3Page - Texas Instruments TPS74301KTWR Datasheet HTML 4Page - Texas Instruments TPS74301KTWR Datasheet HTML 5Page - Texas Instruments TPS74301KTWR Datasheet HTML 6Page - Texas Instruments TPS74301KTWR Datasheet HTML 7Page - Texas Instruments TPS74301KTWR Datasheet HTML 8Page - Texas Instruments TPS74301KTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS74301
TPS74301
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
R
1
R
5
R
3
R
4
R
2
V
OUT
C
OUT
Optional
PG
OUT
FB
IN
BIAS
TRACK
GND
V
IN
V
BIAS
C
IN
C
BIAS
V
TRACK
V
PG
TPS74301
EN
Time(20ms/div)
V
PG
V
TRACK
I
=500mA
OUT
V
OUT
TPS74301
SBVS065E – DECEMBER 2005 – REVISED MAY 2007
1.5A Ultra-LDO with Programmable Sequencing
• Track Pin Allows for Flexible Power-Up
The TPS74301 low-dropout (LDO) linear regulator
Sequencing
provides an easy-to-use robust power management
• 1% Accuracy Over Line, Load, and
solution for a wide variety of applications. The
Temperature
TRACK pin allows the output to track an external
• Supports Input Voltages as Low as 0.9V with
supply. This feature is useful in minimizing the stress
External Bias Supply
on ESD structures that are present between the
CORE and I/O power pins of many processors. The
• Adjustable Output (0.8V to 3.6V)
enable input and power-good output allow easy
• Ultra-Low Dropout: 55mV at 1.5A (typ)
sequencing with external regulators. This complete
• Stable with Any or No Output Capacitor
flexibility allows the user to configure a solution that
meets the sequencing requirements of FPGAs,
• Excellent Transient Response
DSPs, and other applications with special start-up
• Available in 5mm × 5mm × 1mm QFN and
requirements.
DDPAK-7 Packages
A precision reference and error amplifier deliver 1%
• Open-Drain Power-Good (5 × 5 QFN)
accuracy over load, line, temperature, and process.
• Active High Enable
Each LDO is stable with low-cost ceramic output
capacitors and the device is fully specified from
–40
°C to +125°C. The TPS74301 is offered in a
• FPGA Applications
small (5mm
× 5mm) QFN package, yielding a highly
compact total solution size. For applications that
• DSP Core and I/O Voltages
require additional power dissipation, the DDPAK
• Post-Regulation Applications
(KTW) package is also available.
• Applications with Special Start-Up Time or
Sequencing Requirements
Figure 1. Typical Application Circuit
Figure 2. Tracking Response
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS74301KTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results

Similar Description - TPS74301KTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com