Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC74100QPWPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC74100QPWPRQ1
Description  BUCK/BOOST SWITCH-MODE REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC74100QPWPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC74100QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPIC74100QPWPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
S0174-01
5Vg_ENABLE
Switch
Control
PeakCurrentLimit
Gate
Driver
5
Vg
Q1
Q2
Q3
Q4
V
driver
L1
L2
33µH
V
OUT
V
OUT
47µF
100µF
5
Vg
SlewRateControl
RESET
ChargePump
RESET Deglitch
RESET
typ~V
– 100mV
OUT
V
OUT
typ4.65V
Buck/Boost
GateDriver
Slew-Rate Control Terminals (SCR0, SCR1)
TPIC74100-Q1
BUCK/BOOST SWITCH-MODE REGULATOR
SLIS125 – DECEMBER 2006
Figure 1. Current-Limit Switched Output 5Vg
The slew rate of the switching transistor Q1 is set using the SCR0 and SCR1 terminals.
The following table shows the values of the slew rate (SR):
SCR1
SCR0
SRQ1
0
0
Slow
0
1
Medium-slow
1
0
Medium-fast
1
1
Fast
9
Submit Documentation Feedback


Similar Part No. - TPIC74100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
TPIC74101QPWPRQ1 TI1-TPIC74101QPWPRQ1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Similar Description - TPIC74100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
   TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com