Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTR18 Datasheet(PDF) 5 Page - Rohm

Part No. KTR18
Description  Endured high voltage fixed thick film chip resistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

KTR18 Datasheet(HTML) 5 Page - Rohm

  KTR18_1 Datasheet HTML 1Page - Rohm KTR18_1 Datasheet HTML 2Page - Rohm KTR18_1 Datasheet HTML 3Page - Rohm KTR18_1 Datasheet HTML 4Page - Rohm KTR18_1 Datasheet HTML 5Page - Rohm KTR18_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KTR18
Resistors
Rev.B
5/5
RESISTANCE
(
Ω)
Fig.11 Resistance to soldering heat
JIS C 5201-1 SEC 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
RESISTANCE
(
Ω)
Fig.12 Rapid change of temperature
JIS C 5201-1 SEC 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 1000cyc
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.13 Damp heat , Steady state
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
100
1k
10k 100k 1M
RESISTANCE
(
Ω)
Fig.14 Endurance (at70
°C)
10
10M
JIS C 5201-1 SEC 4.25.1
SAMPLE SIZE : n
=10pcs
70
°C 1,000h
THE RATED VOLTAGE 1.5h on, 0.5h off
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.15 Endurance
10
1
100
1k 10k 100k 1M 10M
JIS C 5201-1 SEC 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
Fig.16 Component solvent resistance
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.29
SAMPLE SIZE : n
=10pcs
IPA, 5min.
RESISTANCE
(
Ω)
Fig.17 Bend strength of
the end face plating
JIS C 5201-1 SEC 4.33
SAMPLE SIZE : n
=10pcs
ENDURANCE WITH 90mm WIDTH
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn